Part Number Hot Search : 
BC556 FHX06LG L1302 HX789A 40N25 HSBD438 TS302 2SA1880
Product Description
Full Text Search
 

To Download PL0012-WDR23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PL0012 Series SMD LED Ultra Bright Red 0805 Package
Features
*Flat Package 2.0 x 1.25 x 0.8 mm *Low Current Requirements *High Light Output *Compatible with IR Solder-Process *Industry Standard Footprint *JEDEC Precondition Stress tested *4000 pcs per Reel *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Power Dissipation.............................................................................. 72mW Reverse Voltage (<100A) ........................................................................ 5.0V Max Forward Current ............................. ........................................... 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) ................................... 80mA Operating Temperature Range .................................................. -30C to + 80C Storage Temperature Range ..................................................... -40C to + 85C Reflow Soldering Temperature............................................. 260C for 10 seconds
Electrical & Optical Characteristics at TA = 25 C
Part Number White Diffused Lens PL0012-WDR23 Deep Red AlGaInP Emitting Color Chip Material Peak Wave Length nm 650 Dominant Wave Length nm 639 Viewing Angle 21/2 Deg 140 Forward Voltage @20mA (V) Typ 1.9 Max 2.4 Luminous Intensity @20mA (mcd) Min 36.0 Typ 70.0
Package Dimensions are in Millimeters. Tolerance is 0.1mm unless otherwise specified.
Cathode Mark
1.25
0.80 0.40
2.00
1.40
1.20
0.30 0.30
Recommended Soldering Pad Layout
1.2
0.9
1.2
09-28-06 Rev 0 RS


▲Up To Search▲   

 
Price & Availability of PL0012-WDR23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X